PART |
Description |
Maker |
CS8101YD8 CS8101-D |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low DropoutLinear Regulator with RESETbar and ENABLEbar Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with Inverted RESET and Inverted ENABLE
|
On Semiconductor
|
CM3015-30MA CM3015-30ST CM3015-18MA CM3015-18ST CM |
Micropower, 300mA Low Dropout CMOS Regulator 微功耗,300mA低压差稳压器的CMOS TWO COLOR TWISTED PR 1000 微功耗,300mA低压差稳压器的CMOS Micropower, 300mA Low Dropout CMOS Regulator 微功耗,300mA低压差稳压器CMOS Micropower, 300mA Low Noise LDO CMOS Regulator
|
Electronic Theatre Controls, Inc. California Micro Devices Corp
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
MAX969EEE MAX969ESE MAX967 MAX967ESA MAX967EUA MAX |
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators 8-Bit Bus-Interface Flip-Flops With 3-State Outputs 24-CDIP -55 to 125 四路、微功耗、超低电压、满摆幅输入/输出比较 Single/Dual/Quad / Micropower / Ultra-Low-Voltage / Rail-to-Rail I/O Comparators Single/Dual/Quad Micropower Ultra-Low-Voltage Rail-to-Rail I/O Comparators From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX985 MAX985-MAX994 MAX990EKA-T MAX990EUA MAX989E |
1Gbps.High-Speed Limiting Amplifier with Chatter-Free Loss of Signal Detection[MAX3262/MAX3262C/D/MAX3262CAG/MAX3262CAG-T ] Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FAR-F5CM-947M50-B260 FAR-F5CM-947M50-B260-U FAR-F5 |
Evaluation Board for LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 SAW Filter (700 to 1000 MHz)
|
FUJITSU LTD Fujitsu Limited Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
REF1950010SRZ |
Precision Micropower, Low Dropout, Low Voltage References, Nom. Vo=5.0
|
Analog Devices
|
LT3023EMSE LT3023 LT3023EDD |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
|
LINER[Linear Technology]
|